Part Number Hot Search : 
CM10EX ML6190A C3372 010JTF49 DILM8 S0400 5225B L3015
Product Description
Full Text Search
 

To Download 031-80101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cable group listing
170 amphenol ? rf: 800-627-7100 170 amphenol ? rf: 800-627-7100 high performance 75 bnc high performance 75 bnc connectors description amphenol rf has worked hard to develop our high performance 75 ohm bnc prod - uct line and will continue to do so. amphenol engineer carl concellman invented the bnc more the 60 years ago, and our engineers are still working to produce a variety of high quality rf solutions perfect for our customers needs. we offer a full line of 75 ohm bnc connectors designed to meet the need for higher performance,impedance-matched cable interconnections. these connectors can be used in a variety of applications where true 75 ohm performance is needed to ensure low signal distortion. our connectors are designed for the most popular 75 ohm cables used in broadcast, telecommunications and various other rf applications, and feature crimp-crimp cable affxment compatible with trompeter tooling, requiring no new training for quick and reliable installation. they are ideally suited for 3 gb/s serial data rates utilized in digital video transmission and conform to the smpte 424m-2006 specifcation. amphenol rf offers our high performance 75 ohm bnc connectors in a variety of confgurations: straight, 45 degree and 90 degree plugs; as well as bulkhead, pcb and receptacle jacks. features/benefts ? true 75 ohm impedance end to end ? one piece spring alloy body/outer contact ? strip/crimp requirements consistent with all major industry providers ? bayonet coupling provides a positive lock and allows for quick and easy connect / disconnects. applications ? network routing and switching ? satellite headends ? broadcast ? instrumentation ? custom cable assemblies ? military / aerospace ? ds3/ds4 ? digital video - hdtv amphenol ? rf high performance 75 bnc
171 amphenol ? rf: 800-627-7100 high performance 75 bnc 75 bnc specifcations electrical impedance 75 , nominal frequency range dc - 4 ghz (useable to 6 ghz) vswr < 1.10 (dc to 2.0 ghz) < 1.16 (dc to 3.0 ghz) rf-leakage 55 db minimum @ 3 ghz voltage rating (at sea level) 500 vrms (depending on cable) contact resistance center contact: 1.5 m outer contact: 0.2 m braid to body: 0.1 m insulation resistance 5,000 m minimum insertion loss maximum 0.2 db max. @ 3 ghz dielectric withstanding voltage 1,500 vrms (at sea level) mechanical mechanical durability 500 cycles minimum center contact retention 6 lbs. minimum coupling mechanism 100 lbs. minimum cable pulloff force dependent on cable size cable bend and twist 500 cycles minimum force to engage/disengage 1.5 lbs minimum, 5 lbs maximum/12 oz. minimum mating 2-stud bayonet lock environmental temperature range -40c to + 85c moisture resistance 0% to 95%; mil-std-202 method 106 corrosion (salt spray) mil-std-202 method 101, test condition b flammability ul 94-vo rated (center conductor insulator) vibration mil-std-202 method 201, condition b solvent resistance mil-std-202 method 215 finish tarnish-resistant electroless nickel plating material inner body phosphor bronze crimp ferrule copper alloy contact plating gold insulator tfe, copolymer of styrene, glass-tfe (hermetically sealed) .003 mi n ?.322 ma x .385/.390 .228/.208 .078 mi n 55 /6 5 1/ 4 .052/.054 .025 ma x ref plan e plug .081/.087 .195 mi n .081/.087 .195 .414 mi n .186/.206 .327/.335 .204/.208 .075/.081 .015/.030 .432/.436 .378/.382 .346/.356 .327/.333 .319/.321 mi n ref plane jack note: these characteristics are typical but may not apply to all connectors. high performance 75 bnc
172 amphenol ? rf: 800-627-7100 high performance 75? cable connectors straight crimp-crimp plugs plating cable group part number body contact type grade b1 031-80101 nickel gold 1 performance b2 031-80107 nickel gold 1 performance b 031-80106 nickel gold 1 performance e 031-80103 nickel gold 1 performance e2 031-80108 nickel gold 1 performance h1 031-80109 nickel gold 1 performance i 031-80104 nickel gold 1 performance i2 031-80105 nickel gold 1 performance k3 031-80102 nickel gold 1 performance angle crimp-crimp plugs plating cable group part number body contact type grade b1 031-80901 nickel gold 1 performance i 031-80904 nickel gold 1 performance i2 031-80905 nickel gold 1 performance 45 crimp-crimp plugs plating cable group part number body contact type grade b1 031-80401 nickel gold 1 performance i 031-80404 nickel gold 1 performance i2 031-80405 nickel gold 1 performance high performance 75 high performance 75 bnc
173 notes high performance 75
174 cable group cable type a rg-178, 196 b rg-174, 188a, 316, belden 7805 b1 rg-179, 187, belden 9221 b2 rd-188/u, rd-316/u b3 rd-179/u, at&t 19224l2 c rg-58, 58a, 58c, 141, 303, lmr195, belden 7806a, 9907 c1 rg-55, 142, 223, 400 c2 lmr200, belden 7807a d rg-58/u plenum, thinnet, rg-122/u, belden 88240, 89907 e rg-59, 62, 140, 210, belden 8241, 8263, 8279, 9209 e1 rg-59/u 20 awg center conductor, belden 1426a, 1505a, 9100, 9278 e2 rd-59/u, belden 8281, 9141, 9231 e3 rg-59/u quad shield, belden 1152a f rg-59/u plenum, belden 1560a, 9259, 82259, 89259, 88241 f1 rg-59/u plenum 20 awg center conductor, belden 82108 g1 rg-6, 143, 212 g2 8x, lmr240, belden 7808a, 9258 g3 lmr400, belden 7810a, 8214, 9913 g4 rg-8, 8a, 9, 87a, 213, 214, 225, 393 g5 rd-6/u h rg-11 h1 belden 1694a, 9248 h2 belden 1859a, 7731, 8213, 9292 h3 rg-54a/u i at&t 734a, belden 1505a i2 at&t 735a, belden 735a1 j quad 59 headend cable k lmr600 k2 belden 1695a k3 rg-122, 180, 195, belden 1855, 1865a, 8218 l .141 semi-rigid, rg-402/u l2 .085, .086, .087 semi-rigid, rg-405/u l3 .250 semi-rigid l4 .047 semi-rigid, belden 1674 m 1/2 inch annular corrugated m1 1 1/4 inch annular corrugated m2 1 5/8 inch annular corrugated m3 7/8 inch annular corrugated n 1/4 helical n1 3/8 helical n2 1/2 helical n3 7/8 inch sfc p1 .81 mm od micro-cable p2 1.13 mm od micro-cable, tcb-068 p3 1.32 mm od micro-cable p4 1.37 mm od micro-cable cable group listing cable group listing


▲Up To Search▲   

 
Price & Availability of 031-80101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X